|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
2SK1663-L,S F-I Series > Features High Speed Switching Low On-Resistance No Secondary Breakdown Low Driving Power High Voltage N-channel MOS-FET 800V 4 3A 80W > Outline Drawing > Applications Switching Regulators UPS DC-DC Converters General Purpose Power Amplifier > Maximum Ratings and Characteristics - Absolute Maximum Ratings (TC=25C), unless otherwise specified Item Drain-Source-Voltage Continous Drain Current Pulsed Drain Current Continous Reverse Drain Current Gate-Source-Voltage Max. Power Dissipation Operating and Storage Temperature Range Symbol V DS ID I D(puls) I DR V GS PD T ch T stg Rating 800 3 12 3 20 80 150 -55 ~ +150 Unit V A A A V W C C > Equivalent Circuit - Electrical Characteristics (TC=25C), unless otherwise specified Item Drain-Source Breakdown-Voltage Gate Threshhold Voltage Zero Gate Voltage Drain Current Gate Source Leakage Current Drain Source On-State Resistance Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On-Time ton (ton=td(on)+tr) Turn-Off-Time toff (ton=td(off)+tf) Diode Forward On-Voltage Reverse Recovery Time Symbol V (BR)DSS V GS(th) I DSS I R g C C C t t t t V t GSS DS(on) fs iss oss rss d(on) r d(off) f SD rr Test conditions ID=1mA VGS=0V ID=10mA VDS=VGS VDS=800V Tch=25C VGS=0V Tch=125C VGS=20V ID=1,5A ID=1,5A VDS=0V VGS=10V VDS=25V VDS=25V VGS=0V f=1MHz VCC=30V ID=2,1A VGS=10V RGS=50 IF=2xIDR VGS=0V Tch=25C IF=IDR VGS=0V -dIF/dt=100A/s Tch=25C Min. 800 2,1 Typ. 3,0 0,01 0,2 10 3 4 900 90 35 20 40 150 60 1 400 Max. 4,0 0,5 1,0 100 4 1400 140 60 30 60 250 90 1,35 Unit V V mA mA nA S pF pF pF ns ns ns ns V ns 2 - Thermal Characteristics Item Thermal Resistance Symbol R th(ch-a) R th(ch-c) Test conditions channel to air channel to case Min. Typ. Max. 125 1,56 Unit C/W C/W FUJI ELECTRIC GmbH; Lyoner Strae 26; D-60528 Frankfurt; Tel: 069-66 90 29-0; Fax: 069-66 90 29-56 N-channel MOS-FET 800V 4 2SK1663-L,S F-I Series Drain-Source-On-State Resistance vs. Tch Typical Transfer Characteristics 3A 80W > Characteristics Typical Output Characteristics ID [A] 1 RDS(ON) [] 2 ID [A] 3 VDS [V] Tch [C] VGS [V] Typical Drain-Source-On-State-Resistance vs. ID Typical Forward Transconductance vs. ID Gate Threshold Voltage vs. Tch RDS(ON) [] 4 gfs [S] 5 VGS(th) [V] 6 ID [A] ID [A] Tch [C] Typical Capacitance vs. VDS Typical Input Charge Forward Characteristics of Reverse Diode C [nF] 7 VDS [V] 8 VGS [V] IF [A] 9 VDS [V] Qg [nC] VSD [V] Allowable Power Dissipation vs. TC Safe operation area Zth(ch-c) [K/W] Transient Thermal impedance PD [W] 10 ID [A] 12 11 Tc [C] VDS [V] t [s] This specification is subject to change without notice! |
Price & Availability of 2SK1663-S |